전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2120 데이터시트(PDF) 4 Page - Microchip Technology

부품명 MCP2120
상세설명  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 데이터시트(HTML) 4 Page - Microchip Technology

  MCP2120 Datasheet HTML 1Page - Microchip Technology MCP2120 Datasheet HTML 2Page - Microchip Technology MCP2120 Datasheet HTML 3Page - Microchip Technology MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP2120
DS21618B-page 4
© 2007 Microchip Technology Inc.
TABLE 1-2:
PIN DESCRIPTION USER MODE
Pin Name
Pin Number
Pin
Type
Buffer
Type
PDIP
SOIC
Description
VDD
1
1
—
P
Positive supply for logic and I/O pins
OSC1/CLKIN
2
2
I
CMOS Oscillator crystal input/external clock source input
OSC2
3
3
O
—
Oscillator crystal Output
RESET
4
4
I
ST
Resets the Device
RXIR
5
5
I
ST
Asynchronous receive from infrared transceiver
TXIR
6
6
O
—
Asynchronous transmit to infrared transceiver
MODE
7
7
I
TTL
Selects the device mode (Data/Command) for Software Baud
Rate operation. For more information see Section 2.4.1.2 “Soft-
ware Selection”.
BAUD2
8
8
I
TTL
BAUD2:BAUD0 specify the Baud rate of the device, or if the
device operates in Software Baud Rate mode. For more informa-
tion see Section 2.4.1 “Baud Rate”.
BAUD1
9
9
I
TTL
BAUD0
10
10
I
TTL
RX
11
11
O
—
Asynchronous transmit to controller UART
TX
12
12
I
TTL
Asynchronous receive from controller UART
EN
13
13
I
—
Device Enable.
VSS
14
14
—
P
Ground reference for logic and I/O pins
Legend:
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS compatible input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com