전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2120 데이터시트(PDF) 8 Page - Microchip Technology

부품명 MCP2120
상세설명  Infrared Encoder/Decoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 데이터시트(HTML) 8 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 4Page - Microchip Technology MCP2120 Datasheet HTML 5Page - Microchip Technology MCP2120 Datasheet HTML 6Page - Microchip Technology MCP2120 Datasheet HTML 7Page - Microchip Technology MCP2120 Datasheet HTML 8Page - Microchip Technology MCP2120 Datasheet HTML 9Page - Microchip Technology MCP2120 Datasheet HTML 10Page - Microchip Technology MCP2120 Datasheet HTML 11Page - Microchip Technology MCP2120 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MCP2120
DS21618B-page 8
© 2007 Microchip Technology Inc.
2.7
Encoding/Decoding Jitter and
Offset
Figure 2-4 shows the jitter and offset that is possible on
the RX pin and the TXIR pin.
Jitter is the possible variation of the desired edge.
Offset is the propagation delay of the input signal (RXIR
or TX) to the output signal (RX or TXIR).
The first bit on the output pin (on RX or TXIR) will show
jitter compared to the input pin (RXIR or TX), but all
remaining bits will be a constant distance.
2.8
Minimizing Power
The device can be placed in a low power mode by
disabling the device (holding the EN pin at the low
state). The internal state machine is monitoring this pin
for a low level, and once this is detected the device is
disabled and enters into a low power state.
2.8.1
RETURNING TO OPERATION
When the device is disabled, the device is in a low
power state. When the EN pin is brought to a high level,
the device will return to the operating mode. The device
requires a delay of 1000 TOSC before data may be
transmitted or received.
FIGURE 2-4:
Effects of Jitter and Offset
TX Jitter
3 CLK
BITCLK
RXIR
RX
TX
TXIR
16 CLK
16 CLK
3 CLK
16 CLK
RX Jitter
TX Offset
RX Offset
16 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com