전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F373CCT6 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STM32F373CCT6
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CCT6 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STM32F373CCT6 Datasheet HTML 16Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 17Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 18Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 19Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 20Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 21Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 22Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 23Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
Functional overview
STM32F37xxx
20/131
DocID022691 Rev 4
3
TSC_G3_IO1
PC4
7
TSC_G7_IO1
PE2
TSC_G3_IO2
PC5
TSC_G7_IO2
PE3
TSC_G3_IO3
PB0
TSC_G7_IO3
PE4
TSC_G3_IO4
PB1
TSC_G7_IO4
PE5
4
TSC_G4_IO1
PA9
8
TSC_G8_IO1
PD12
TSC_G4_IO2
PA10
TSC_G8_IO2
PD13
TSC_G4_IO3
PA13
TSC_G8_IO3
PD14
TSC_G4_IO4
PA14
TSC_G8_IO4
PD15
Table 4. No. of capacitive sensing channels available on STM32F373x devices
Analog I/O group
Number of capacitive sensing channels
STM32F37xCx
STM32F37xRx
STM32F37xVx
G1
3
3
3
G2
2
3
3
G3
1
3
3
G4
3
3
3
G5
3
3
3
G6
2
2
3
G7
0
0
3
G8
0
0
3
Number of capacitive
sensing channels
14
17
24
Table 3. Capacitive sensing GPIOs available on STM32F373x devices (continued)
Group
Capacitive sensing
signal name
Pin name
Group
Capacitive sensing
signal name
Pin
name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More