| 전자부품 데이터시트 검색엔진 |
|
STM32F373CCT6 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CCT6 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 131 page ![]() Pinouts and pin description STM32F37xxx 40/131 DocID022691 Rev 4 91 C5 57 41 PB5 I/O FT SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, I2C1_SMBAl, USART2_CK, TIM16_BKIN, TIM3_CH2, TIM17_CH1, TIM19_ETR 92 B5 58 42 PB6 I/O FTf I2C1_SCL, USART1_TX, TIM16_CH1N, TIM3_CH3, TIM4_CH1, TIM19_CH1, TIM15_CH1, TSC_G5_IO3 93 B4 59 43 PB7 I/O FTf I2C1_SDA, USART1_RX, TIM17_CH1N, TIM3_CH4, TIM4_CH2, TIM19_CH2, TIM15_CH2, TSC_G5_IO4 94 A4 60 44 BOOT0 I B Boot memory selection 95 A3 61 45 PB8 I/O FTf SPI2_SCK/I2S2_CK, I2C1_SCL, USART3_TX, CAN_RX, CEC, TIM16_CH1, TIM4_CH3, TIM19_CH3, COMP1_OUT, TSC_SYNC 96 B3 62 46 PB9 I/O FTf SPI2_NSS/I2S2_WS, I2C1_SDA, USART3_RX, CAN_TX, IR_OUT, TIM17_CH1, TIM4_CH4, TIM19_CH4, COMP2_OUT 97 C3 PE0 I/O FT (1) USART1_TX, TIM4_ETR 98 A2 PE1 I/O FT (1) USART1_RX 99 D3 63 47 VSS_1 S Ground 100 C4 64 48 VDD_1 S Digital power supply 1. When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must not be configured in analog mode. 2. these pins are powered by VDDSD12. 3. these pins are powered by VDDSD3. Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |