| 전자부품 데이터시트 검색엔진 |
|
STM32F373CCT6 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CCT6 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 131 page ![]() Pinouts and pin description STM32F37xxx 34/131 DocID022691 Rev 4 8D1 3 3 PC14 - OSC32_IN I/O TC OSC32_IN 9E1 4 4 PC15 - OSC32_OUT I/O TC OSC32_OUT 10 F2 PF9 I/O FT (1) TIM14_CH1 11 G2 PF10 I/O FT (1) 12 F1 5 5 PF0 - OSC_IN I/O FTf I2C2_SDA OSC_IN 13 G1 6 6 PF1 - OSC_OUT I/O FTf I2C2_SCL OSC_OUT 14 H2 7 7 NRST I/O RST Device reset input / internal reset output (active low) 15 H1 8 PC0 I/O TTa (1) TIM5_CH1_ETR ADC_IN10 16 J2 9 PC1 I/O TTa (1) TIM5_CH2 ADCIN11 17 J3 10 PC2 I/O TTa (1) SPI2_MISO/I2S2_MCK, TIM5_CH3 ADC_IN12 18 K2 11 PC3 I/O TTa (1) SPI2_MOSI/I2S2_SD, TIM5_CH4 ADC_IN13 19 J1 PF2 I/O FT (1) I2C2_SMBA 20 K1 12 8 VSSA/VREF- S Analog ground 9 VDDA/VREF + S (1) Analog power supply / Reference voltage for ADC, COMP, DAC 21 M1 13 VDDA S (1) Analog power supply 22 L1 17 VREF+ S (1) Reference voltage for ADC, COMP, DAC 23 L2 14 10 PA0 I/O TTa USART2_CTS, TIM2_CH1_ETR, TIM5_CH1_ETR, TIM19_CH1, TSC_G1_IO1, COMP1_OUT RTC_ TAMPER2, WKUP1, ADC_IN0, COMP1_INM 24 M2 15 11 PA1 I/O TTa SPI3_SCK/I2S3_CK, USART2_RTS, TIM2_CH2, TIM15_CH1N, TIM5_CH2, TIM19_CH2, TSC_G1_IO2, RTC_REFIN ADC_IN1, COMP1_INP Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |