전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AGLP030 데이터시트(PDF) 108 Page - Microsemi Corporation

부품명 AGLP030
상세설명  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 데이터시트(HTML) 108 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 104Page - Microsemi Corporation AGLP030 Datasheet HTML 105Page - Microsemi Corporation AGLP030 Datasheet HTML 106Page - Microsemi Corporation AGLP030 Datasheet HTML 107Page - Microsemi Corporation AGLP030 Datasheet HTML 108Page - Microsemi Corporation AGLP030 Datasheet HTML 109Page - Microsemi Corporation AGLP030 Datasheet HTML 110Page - Microsemi Corporation AGLP030 Datasheet HTML 111Page - Microsemi Corporation AGLP030 Datasheet HTML 112Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 134 page
background image
Package Pin Assignments
4-8
Revision 16
CS201
Pin Number
AGLP030
Function
A1
NC
A2
IO04RSB0
A3
IO06RSB0
A4
IO09RSB0
A5
IO11RSB0
A6
IO13RSB0
A7
IO17RSB0
A8
IO18RSB0
A9
IO24RSB0
A10
IO26RSB0
A11
IO27RSB0
A12
IO31RSB0
A13
NC
A14
NC
A15
NC
B1
NC
B2
NC
B3
IO08RSB0
B4
IO05RSB0
B5
IO07RSB0
B6
IO15RSB0
B7
IO14RSB0
B8
IO16RSB0
B9
IO20RSB0
B10
IO22RSB0
B11
IO34RSB0
B12
IO29RSB0
B13
NC
B14
NC
B15
NC
C1
NC
C2
NC
C3
GND
C4
IO00RSB0
C5
IO02RSB0
C6
IO12RSB0
C7
IO23RSB0
C8
IO19RSB0
C9
IO28RSB0
C10
IO32RSB0
C11
IO35RSB0
C12
NC
C13
GND
C14
IO41RSB1
C15
IO37RSB1
D1
IO117RSB3
D2
IO118RSB3
D3
NC
D4
GND
D5
IO01RSB0
D6
IO03RSB0
D7
IO10RSB0
D8
IO21RSB0
D9
IO25RSB0
D10
IO30RSB0
D11
IO33RSB0
D12
GND
D13
NC
D14
IO36RSB1
D15
IO39RSB1
E1
IO115RSB3
E2
IO114RSB3
E3
NC
E4
NC
E12
NC
E13
NC
E14
GDC0/IO46RSB1
E15
GDB0/IO48RSB1
F1
IO113RSB3
F2
IO116RSB3
CS201
Pin Number
AGLP030
Function
F3
IO119RSB3
F4
IO111RSB3
F6
GND
F7
VCC
F8
VCCIB0
F9
VCCIB0
F10
VCCIB0
F12
NC
F13
NC
F14
IO40RSB1
F15
IO38RSB1
G1
NC
G2
IO112RSB3
G3
IO110RSB3
G4
IO109RSB3
G6
VCCIB3
G7
GND
G8
VCC
G9
GND
G10
GND
G12
NC
G13
NC
G14
IO42RSB1
G15
IO44RSB1
H1
NC
H2
GEB0/IO106RSB3
H3
GEC0/IO108RSB3
H4
NC
H6
VCCIB3
H7
GND
H8
VCC
H9
GND
H10
VCCIB1
H12
IO54RSB1
H13
GDA0/IO47RSB1
CS201
Pin Number
AGLP030
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More