전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM186 데이터시트(PDF) 24 Page - Advanced Micro Devices

부품명 AM186
상세설명  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 데이터시트(HTML) 24 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 20Page - Advanced Micro Devices AM186 Datasheet HTML 21Page - Advanced Micro Devices AM186 Datasheet HTML 22Page - Advanced Micro Devices AM186 Datasheet HTML 23Page - Advanced Micro Devices AM186 Datasheet HTML 24Page - Advanced Micro Devices AM186 Datasheet HTML 25Page - Advanced Micro Devices AM186 Datasheet HTML 26Page - Advanced Micro Devices AM186 Datasheet HTML 27Page - Advanced Micro Devices AM186 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
24
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
PQFP PIN ASSIGNMENTS—Am186™ER MICROCONTROLLER
(Sorted by Pin Name)
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
40
AD5
88
GND
89
S2
9
A1
39
AD6
91
HLDA
44
S6/CLKSEL1/PIO29
96
A2
37
AD7
94
HOLD
45
SCLK/PIO20
3
A3
36
AD8
79
INT0
56
SDATA/PIO21
100
A4
35
AD9
81
INT1/SELECT
55
SDEN0/PIO22
2
A5
34
AD10
83
INT2/INTA0/PIO31
54
SDEN1/PIO23
1
A6
33
AD11
85
INT3/INTA1/IRQ
53
SRDY/PIO6
46
A7
32
AD12
87
INT4/PIO30
52
TMRIN0/PIO11
75
A8
31
AD13
90
LCS/ONCE0
58
TMRIN1/PIO0
72
A9
30
AD14
93
MCS0/PIO14
50
TMROUT0/PIO10
74
A10
29
AD15
95
MCS1/PIO15
51
TMROUT1/PIO1
73
A11
28
ALE
7
MCS2/PIO24
68
TXD/PIO27
98
A12
27
ARDY
8
MCS3/RFSH/PIO25
69
UCS/ONCE1
57
A13
26
BHE/ADEN
4
NMI
47
UZI/CLKSEL2/PIO26
97
A14
25
CLKOUTA
16
PCS0/PIO16
66
VCC
15
A15
24
CLKOUTB
17
PCS1/PIO17
65
VCC
21
A16
23
DEN/PIO5
49
PCS2/PIO18
63
VCC
38
A17/PIO7
22
DRQ0/PIO12
77
PCS3/PIO19
62
VCC
61
A18/PIO8
20
DRQ1/PIO13
76
PCS5/A1/PIO3
60
VCC
67
A19/PIO9
19
DT/R/PIO4
48
PCS6/A2/PIO2
59
VCC
92
AD0
78
GND
12
RD
6
WHB
42
AD1
80
GND
18
RES
71
WLB
43
AD2
82
GND
41
RXD/PIO28
99
WR
5
AD3
84
GND
64
S0/SREN
11
X1
13
AD4
86
GND
70
S1/IMDIS
10
X2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More