| 전자부품 데이터시트 검색엔진 |
|
AM29F016B-70F4EB 데이터시트(PDF) 32 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016B-70F4EB 데이터시트(HTML) 32 Page - Advanced Micro Devices |
|
32 / 38 page ![]() 32 Am29F016B P R E L I M I NARY AC CHARACTERISTICS Erase and Program Operations Alternate CE# Controlled Writes Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Symbol Parameter Description Speed Options Unit JEDEC Standard -70 -90 -120 -150 tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 150 ns tAVEL tAS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 40 45 50 50 ns tDVEH tDS Data Setup Time Min 40 45 50 50 ns tEHDX tDH Address Hold Time Min 0 ns tGHEL tGHEL Read Recover Time Before Write Min 0 ns tWLEL tWS CE# Setup Time Min 0 ns tEHWH tWH CE# Hold Time Min 0 ns tELEH tCP Write Pulse Width Min 40 45 50 50 ns tEHEL tCPH Write Pulse Width High Min 20 ns tWHWH1 tWHWH1 Byte Programming Operation (Note 2) Typ 7 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec Max 8 sec |