전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F016B-70F4EB 데이터시트(PDF) 35 Page - Advanced Micro Devices

부품명 AM29F016B-70F4EB
상세설명  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016B-70F4EB 데이터시트(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F016B-70F4EB Datasheet HTML 30Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 31Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 32Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 33Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 34Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 35Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 36Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 37Page - Advanced Micro Devices AM29F016B-70F4EB Datasheet HTML 38Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Am29F016B
35
P R E L I M I NARY
PHYSICAL DIMENSIONS
TS 040—40-Pin Standard Thin Small Outline Package (measured in millimeters)
TSR040—40-Pin Reverse Thin Small Outline Package (measured in millimeters)
18.30
18.50
19.80
20.20
40
20
Pin 1 I.D.
21
1
0.50 BSC
9.90
10.10
0.95
1.05
0.05
0.15
1.20
MAX
0.50
0.70
0
°
5
°
16-038-TSOP-1_AE
TS 040
2-27-97 lv
0.10
0.21
0.08
0.20
18.30
18.50
19.80
20.20
40
20
Pin 1 I.D.
21
1
0.50 BSC
9.90
10.10
0.95
1.05
0.05
0.15
1.20
MAX
0.50
0.70
0
°
5
°
16-038-TSOP-1_AE
TSR040
2-27-97 lv
0.10
0.21
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38