| 전자부품 데이터시트 검색엔진 |
|
AM29F016B-70F4EB 데이터시트(PDF) 36 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016B-70F4EB 데이터시트(HTML) 36 Page - Advanced Micro Devices |
|
36 / 38 page ![]() 36 Am29F016B P R E L I M I NARY PHYSICAL DIMENSIONS (continued) TS 048—48-Pin Standard Thin Small Outline Package (measured in millimeters) TSR048—48-Pin Reverse Thin Small Outline Package (measured in millimeters) 48 25 1 24 18.30 18.50 19.80 20.20 11.90 12.10 0.05 0.15 0.50 BSC 0.95 1.05 16-038-TS48-2 TS 048 DT95 8-8-96 lv Pin 1 I.D. 1.20 MAX 0.50 0.70 0.10 0.21 0.25MM (0.0098") BSC 0 ° 5 ° 0.08 0.20 48 25 1 24 18.30 18.50 19.80 20.20 11.90 12.10 SEATING PLANE 0.05 0.15 0.50 BSC 0.95 1.05 16-038-TS48 TSR048 DT95 8-8-96 lv Pin 1 I.D. 1.20 MAX 0.50 0.70 0.10 0.21 0.25MM (0.0098") BSC 0 ° 5 ° 0.08 0.20 |