| 전자부품 데이터시트 검색엔진 |
|
PIC24FJ64GA 데이터시트(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA 데이터시트(HTML) 22 Page - Microchip Technology |
|
22 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 22 2010 Microchip Technology Inc. RPI32 — — 40 I ST Remappable Peripheral (input only). RPI33 — 13 18 I ST RPI34 — 14 19 I ST RPI35 — 53 67 I ST RPI36 — 52 66 I ST RPI37 48 60 74 I ST RPI38 — 4 6 I ST RPI39 — — 7 I ST RPI40 — 5 8 I ST RPI41 — — 9 I ST RPI42 — 64 79 I ST RPI43 — 37 47 I ST RPI44 — 44 54 I ST RPI45 35 45 55 I ST RTCC 42 54 68 O — Real-Time Clock Alarm/Seconds Pulse Output. SCL1 37 47 57 I/O I2C I2C1 Synchronous Serial Clock Input/Output. SCL2 32 52 58 I/O I2C I2C2 Synchronous Serial Clock Input/Output. SCL3 224 I/O I2C I2C3 Synchronous Serial Clock Input/Output. SDA1 36 46 56 I/O I2C I2C1 Data Input/Output. SDA2 31 53 59 I/O I2C I2C2 Data Input/Output. SDA3 335 I/O I2C I2C3 Data Input/Output. SOSCI 47 59 73 I ANA Secondary Oscillator/Timer1 Clock Input. SOSCO 48 60 74 O ANA Secondary Oscillator/Timer1 Clock Output. T1CK 48 60 74 I ST Timer1 Clock. TCK 27 33 38 I ST JTAG Test Clock Input. TDI 28 34 60 I ST JTAG Test Data Input. TDO 24 14 61 O — JTAG Test Data Output. TMS 23 13 17 I ST JTAG Test Mode Select Input. VCAP 56 70 85 P — External Filter Capacitor Connection (regulator enabled). VDD 10, 26, 38 12, 32, 48 2, 16, 37, 46, 62 P — Positive Supply for Peripheral Digital Logic and I/O Pins. VDDCORE 56 70 85 P — Positive Supply for Microcontroller Core Logic (regulator disabled). VREF- 15 23 28 I ANA A/D and Comparator Reference Voltage (low) Input. VREF+ 16 24 29 I ANA A/D and Comparator Reference Voltage (high) Input. VSS 9, 25, 41 11, 31, 51 15, 36, 45, 65, 75 P — Ground Reference for Logic and I/O Pins. TABLE 1-4: PIC24FJ256GA110 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 64-Pin TQFP, QFN 80-Pin TQFP 100-Pin TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer |