전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ64GA 데이터시트(PDF) 62 Page - Microchip Technology

부품명 PIC24FJ64GA
상세설명  PIC24FJ256GA110 Family Data Sheet
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA 데이터시트(HTML) 62 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 58Page - Microchip Technology PIC24FJ64GA Datasheet HTML 59Page - Microchip Technology PIC24FJ64GA Datasheet HTML 60Page - Microchip Technology PIC24FJ64GA Datasheet HTML 61Page - Microchip Technology PIC24FJ64GA Datasheet HTML 62Page - Microchip Technology PIC24FJ64GA Datasheet HTML 63Page - Microchip Technology PIC24FJ64GA Datasheet HTML 64Page - Microchip Technology PIC24FJ64GA Datasheet HTML 65Page - Microchip Technology PIC24FJ64GA Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 62
 2010 Microchip Technology Inc.
EXAMPLE 5-4:
LOADING THE WRITE BUFFERS (C LANGUAGE CODE)
EXAMPLE 5-5:
INITIATING A PROGRAMMING SEQUENCE (ASSEMBLY LANGUAGE CODE)
EXAMPLE 5-6:
INITIATING A PROGRAMMING SEQUENCE (C LANGUAGE CODE)
// C example using MPLAB C30
#define NUM_INSTRUCTION_PER_ROW 64
unsigned int offset;
unsigned int i;
unsigned long progAddr = 0xXXXXXX;
// Address of row to write
unsigned int progData[2*NUM_INSTRUCTION_PER_ROW];
// Buffer of data to write
//Set up NVMCON for row programming
NVMCON = 0x4001;
// Initialize NVMCON
//Set up pointer to the first memory location to be written
TBLPAG = progAddr>>16;
// Initialize PM Page Boundary SFR
offset = progAddr & 0xFFFF;
// Initialize lower word of address
//Perform TBLWT instructions to write necessary number of latches
for(i=0; i < 2*NUM_INSTRUCTION_PER_ROW; i++)
{
__builtin_tblwtl(offset, progData[i++]);
// Write to address low word
__builtin_tblwth(offset, progData[i]);
// Write to upper byte
offset = offset + 2;
// Increment address
}
DISI
#5
; Block all interrupts with priority <7
; for next 5 instructions
MOV
#0x55, W0
MOV
W0, NVMKEY
; Write the 55 key
MOV
#0xAA, W1
;
MOV
W1, NVMKEY
; Write the AA key
BSET
NVMCON, #WR
; Start the erase sequence
NOP
;
NOP
;
BTSC
NVMCON, #15
; and wait for it to be
BRA
$-2
; completed
// C example using MPLAB C30
asm("DISI #5");
// Block all interrupts with priority < 7
// for next 5 instructions
__builtin_write_NVM();
// Perform unlock sequence and set WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More