| 전자부품 데이터시트 검색엔진 |
|
PIC24FJ64GA 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 330 page ![]() 2010 Microchip Technology Inc. DS39905E-page 33 PIC24FJ256GA110 FAMILY REGISTER 3-2: CORCON: CPU CONTROL REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 R/C-0 R/W-0 U-0 U-0 — — — —IPL3(1) PSV — — bit 7 bit 0 Legend: C = Clearable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-4 Unimplemented: Read as ‘0’ bit 3 IPL3: CPU Interrupt Priority Level Status bit(1) 1 = CPU interrupt priority level is greater than 7 0 = CPU interrupt priority level is 7 or less bit 2 PSV: Program Space Visibility in Data Space Enable bit 1 = Program space visible in data space 0 = Program space not visible in data space bit 1-0 Unimplemented: Read as ‘0’ Note 1: User interrupts are disabled when IPL3 = 1. |