| 전자부품 데이터시트 검색엔진 |
|
AM79C960KC 데이터시트(PDF) 100 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KC 데이터시트(HTML) 100 Page - Advanced Micro Devices |
|
100 / 127 page ![]() P R E L I M I N A R Y AMD 1-442 Am79C960 SWITCHING CHARACTERISTICS: 10BASE-T INTERFACE Parameter Symbol Parameter Description Test Conditions Min Max Unit Transmit Timing tTETD Transmit Start of Idle 250 350 ns tTR Transmitter Rise Time (10% to 90%) 5.5 ns tTF Transmitter Fall Time (90% to 10%) 5.5 ns tTM Transmitter Rise and Fall Time Mismatch 1ns tPERLP Idle Signal Period 8 24 ms tPWLP Idle Link Pulse Width (Note 1) 75 120 ns tPWPLP Predistortion Idle Link Pulse Width (Note 1) 45 55 ns tJA Transmit Jabber Activation Time 20 150 ms tJR Transmit Jabber Reset Time 250 750 ms Receive Timing tPWNRD RXD Pulse Width Not to Turn Off Internal Carrier Sense VIN > VTHS (min) 136 – ns tPWROFF RXD Pulse Width to Turn Off VIN > VTHS (min) 200 ns Note: 1. Not tested; parameter guaranteed by characterization. |