전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C960KC 데이터시트(PDF) 117 Page - Advanced Micro Devices

부품명 AM79C960KC
상세설명  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC 데이터시트(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 113Page - Advanced Micro Devices AM79C960KC Datasheet HTML 114Page - Advanced Micro Devices AM79C960KC Datasheet HTML 115Page - Advanced Micro Devices AM79C960KC Datasheet HTML 116Page - Advanced Micro Devices AM79C960KC Datasheet HTML 117Page - Advanced Micro Devices AM79C960KC Datasheet HTML 118Page - Advanced Micro Devices AM79C960KC Datasheet HTML 119Page - Advanced Micro Devices AM79C960KC Datasheet HTML 120Page - Advanced Micro Devices AM79C960KC Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 127 page
background image
P R E L I M I N A R Y
AMD
1-459
Am79C960
SWITCHING WAVEFORMS: EADI
EAR (MAUSEL)
SRDCLK (LED3)
SRD (LED2)
SF/BD (LED1)
tEAD4
tEAD1
tEAD2
One Zero One
SFD
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4
Bit 8 Bit 0
Bit 7 Bit 8
tEAD3
tEAD3
tEAD5
tEAD6
Preamble
Data Field
Reject
16907B-49
Accept
EADI Reject Timing
SWITCHING WAVEFORMS: JTAG (IEEE 1149.1) INTERFACE
TCK
tJTG3
tJTG4
tJTG1
tJTG2
tJTG5
TDI
TMS
TDO
tJTG6
tJTG7
tJTG8
16907B-50
Test Access Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More