전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C970A 데이터시트(PDF) 195 Page - Advanced Micro Devices

부품명 AM79C970A
상세설명  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A 데이터시트(HTML) 195 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 191Page - Advanced Micro Devices AM79C970A Datasheet HTML 192Page - Advanced Micro Devices AM79C970A Datasheet HTML 193Page - Advanced Micro Devices AM79C970A Datasheet HTML 194Page - Advanced Micro Devices AM79C970A Datasheet HTML 195Page - Advanced Micro Devices AM79C970A Datasheet HTML 196Page - Advanced Micro Devices AM79C970A Datasheet HTML 197Page - Advanced Micro Devices AM79C970A Datasheet HTML 198Page - Advanced Micro Devices AM79C970A Datasheet HTML 199Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 219 page
background image
P R E L I M I N A R Y
AMD
195
Am79C970A
SWITCHING WAVEFORMS: EADI
EAR
SRDCLK
SRD
SF/BD
tEAD4
tEAD1
tEAD2
One Zero One
SFD
Bit 0 Bit 1 Bit 2 Bit 3 Bit 4
Bit 8 Bit 0
Bit 7 Bit 8
tEAD3
tEAD3
tEAD5
tEAD6
Preamble
Data Field
Reject
Accept
19436A-75
EADI Reject Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More