전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C970A 데이터시트(PDF) 21 Page - Advanced Micro Devices

부품명 AM79C970A
상세설명  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A 데이터시트(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 17Page - Advanced Micro Devices AM79C970A Datasheet HTML 18Page - Advanced Micro Devices AM79C970A Datasheet HTML 19Page - Advanced Micro Devices AM79C970A Datasheet HTML 20Page - Advanced Micro Devices AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 219 page
background image
P R E L I M I N A R Y
AMD
21
Am79C970A
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of:
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
K = Plastic Quad Flat Pack (PQB132)
V = Thin Quad Flat Pack (PDL144)
SPEED OPTION
Not Applicable
DEVICE NUMBER/DESCRIPTION
Am79C970A
PCnet-PCI II Single-Chip Full-Duplex Controller
for PCI Local Bus
AM79C970A
Valid Combinations
KC, KC\W, VC,
VC\W
Valid Combinations
OPTIONAL PROCESSING
Blank = Standard Processing
AM79C970A
K
C
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
\W
ALTERNATE PACKAGING OPTION
\W = Trimmed and Formed in a Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More