| 전자부품 데이터시트 검색엔진 |
|
AM79C972BVCW 데이터시트(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C972BVCW 데이터시트(HTML) 23 Page - Advanced Micro Devices |
|
23 / 130 page ![]() Am79C972 23 General Purpose Serial Interface CLSN Collision Input CLSN is an input that indicates a collision has occurred on the network. Note: The CLSN pin is multiplexed with the COL pin. RXCLK Receive Clock Input RXCLK is an input. The rising edges of the RXCLK sig- nal are used to sample the data on the RXDAT input whenever the RXEN input is HIGH. Note: The RXCLK pin is multiplexed with the RX_CLK pin. RXDAT Receive Data Input RXDAT is an input. The rising edges of the RXCLK sig- nal are used to sample the data on the RXDAT input whenever the RXEN input is HIGH. Note: The RXDAT pin is multiplexed with the RX_ER pin. RXEN Receive Enable Input RXEN is an input. When this signal is HIGH, it indicates to the core logic that the data on the RXDAT input pin is valid. Note: The RXEN pin is multiplexed with the CRS pin. TXCLK Transmit Clock Input TXCLK is an input that provides a clock signal for MAC activity, both transmit and receive. The rising edges of the TXCLK can be used to validate TXDAT output data. Note: The TXCLK pin is multiplexed with the TX_CLK pin. TXDAT Transmit Data Output TXDAT is an output that provides the serial bit stream for transmission, including preamble, SFD, data, and FCS field, if applicable. Note: The TXDAT pin is multiplexed with the TXD[0] pin. TXEN Transmit Enable Output TXEN is an output that provides an enable signal for transmission. Data on the TXDAT pin is not valid unless the TXEN signal is HIGH. Note: The TXEN pin is multiplexed with the TX_EN pin. External Address Detection Interface EAR External Address Reject Low Input The incoming frame will be checked against the inter- nally active address detection mechanisms and the re- sult of this check will be OR’d with the value on the EAR pin. The EAR pin is defined as REJECT. The pin value is OR’d with the internal address detection result to de- termine if the current frame should be accepted or re- jected. The EAR pin must not be left unconnected, it should be tied to VDD through a 10-k Ω ±5% resistor. When RST is active, EAR is an input for NAND tree testing. SFBD Start Frame-Byte Delimiter Output For the GPSI port during External Address Detec- tion: An initial rising edge on the SFBD signal indicates that a start of frame delimiter has been detected. The serial bit stream will follow on the SRD signal, commencing with the destination address field. SFBD will go high for 4 bit times (400 ns when operating at 10 Mbps) after detecting the second “1” in the SFD (Start of Frame De- limiter) of a received frame. SFBD will subsequently toggle every 4 bit times (1.25 MHz frequency when op- erating at 10 Mbps) with each rising edge indicating the first bit of each subsequent byte of the received serial bit stream. For the External PHY attached to the Media Inde- pendent Interface during External Address Detec- tion: An initial rising edge on the SFBD signal indicates that a start of valid data is present on the RXD[3:0] pins. SFBD will go high for one nibble time (400 ns when op- erating at 10 Mbps and 40 ns when operating at 100 Mbps) one RX_CLK period after RX_DV has been as- serted and RX_ER is deasserted and the detection of the SFD (Start of Frame Delimiter) of a received frame. Data on the RXD[3:0] will be the start of the destination address field. SFBD will subsequently toggle every nib- ble time (1.25 MHz frequency when operating at 10 Mbps and 12.5 MHz frequency when operating at 100 Mbps) indicating the first nibble of each subsequent byte of the received nibble stream. The RX_CLK should be used in conjunction with the SFBD to latch the correct data for external address matching. SFBD will be active only during frame reception. Note: The SFBD pin is multiplexed with the EESK and LED1 pins. |