전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C976 데이터시트(PDF) 58 Page - Advanced Micro Devices

부품명 AM79C976
상세설명  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 데이터시트(HTML) 58 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 54Page - Advanced Micro Devices AM79C976 Datasheet HTML 55Page - Advanced Micro Devices AM79C976 Datasheet HTML 56Page - Advanced Micro Devices AM79C976 Datasheet HTML 57Page - Advanced Micro Devices AM79C976 Datasheet HTML 58Page - Advanced Micro Devices AM79C976 Datasheet HTML 59Page - Advanced Micro Devices AM79C976 Datasheet HTML 60Page - Advanced Micro Devices AM79C976 Datasheet HTML 61Page - Advanced Micro Devices AM79C976 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 309 page
background image
58
Am79C976
8/01/00
P R E L I M INARY
)LJXUH  ),)2 %XUVW :ULWH $W 6WDUW 2I 8QDOLJQHG
%XIIHU
If a receive buffer does not end on a DWord boundary,
the Am79C976 controller will perform a non-DWord
write on the last transfer to the buffer. Figure 27 shows
the final three FIFO DMA transfers to a receive buffer.
Since there were only 9 bytes of space left in the re-
ceive buffer, the Am79C976 controller bursts three data
phases. The first two data phases write a full DWord,
the last one only writes a single byte.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
23456
0000
0111
PAR
PAR
PAR
DEVSEL is sampled
0001
PAR
DATA
DATA
DATA
ADD
22929B28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More