| 전자부품 데이터시트 검색엔진 |
|
STM32F107RC 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107RC 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 103 page ![]() STM32F105xx, STM32F107xx Pinouts and pin description Doc ID 15274 Rev 6 29/104 G10 - 62 PD15 I/O FT PD15 TIM4_CH4 F10 37 63 PC6 I/O FT PC6 I2S2_MCK/ TIM3_CH1 E10 38 64 PC7 I/O FT PC7 I2S3_MCK TIM3_CH2 F9 39 65 PC8 I/O FT PC8 TIM3_CH3 E9 40 66 PC9 I/O FT PC9 TIM3_CH4 D9 41 67 PA8 I/O FT PA8 USART1_CK/OTG_FS_SOF / TIM1_CH1(8)/MCO C9 42 68 PA9 I/O FT PA9 USART1_TX(7)/ TIM1_CH2(7)/ OTG_FS_VBUS D10 43 69 PA10 I/O FT PA10 USART1_RX(7)/ TIM1_CH3(7)/OTG_FS_ID C10 44 70 PA11 I/O FT PA11 USART1_CTS / CAN1_RX / TIM1_CH4(7)/OTG_FS_DM B10 45 71 PA12 I/O FT PA12 USART1_RTS / OTG_FS_DP / CAN1_TX(7) / TIM1_ETR(7) A10 46 72 PA13 I/O FT JTMS-SWDIO PA13 F8 - 73 Not connected E6 47 74 VSS_2 SVSS_2 F6 48 75 VDD_2 SVDD_2 A9 49 76 PA14 I/O FT JTCK-SWCLK PA14 A8 50 77 PA15 I/O FT JTDI SPI3_NSS / I2S3_WS TIM2_CH1_ETR / PA15 SPI1_NSS B9 51 78 PC10 I/O FT PC10 UART4_TX USART3_TX/ SPI3_SCK/I2S3_CK B8 52 79 PC11 I/O FT PC11 UART4_RX USART3_RX/ SPI3_MISO C8 53 80 PC12 I/O FT PC12 UART5_TX USART3_CK/ SPI3_MOSI/I2S3_SD -- 81 PD0 I/O FT PD0 OSC_IN(9)/CAN1_RX -- 82 PD1 I/O FT PD1 OSC_OUT(9)/CAN1_TX B7 54 83 PD2 I/O FT PD2 TIM3_ETR / UART5_RX C7 - 84 PD3 I/O FT PD3 USART2_CTS D7 - 85 PD4 I/O FT PD4 USART2_RTS B6 - 86 PD5 I/O FT PD5 USART2_TX C6 - 87 PD6 I/O FT PD6 USART2_RX D6 - 88 PD7 I/O FT PD7 USART2_CK Table 5. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |