전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1121 데이터시트(PDF) 8 Page - ams AG

부품명 AS1121
상세설명  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1121 데이터시트(HTML) 8 Page - ams AG

Back Button AS1121 Datasheet HTML 4Page - ams AG AS1121 Datasheet HTML 5Page - ams AG AS1121 Datasheet HTML 6Page - ams AG AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
7 - 21
AS1121
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
TAMB = +25°C, VCC = 3.3V (unless otherwise specified)
Figure 3. Constant Output Current vs. Output Voltage
Figure 4. Constant Output Current vs. Output Voltage
0
5
10
15
20
25
30
35
40
45
50
012
34567
89
10
Output Voltage (V)
Icoc = 40mA (1k
Ω)
Icoc = 20mA (1.96k
Ω)
Icoc = 10mA (4.02k
Ω)
Icoc = 30mA (1.33k
Ω)
Icoc =4mA (10k
Ω)
Icoc = 1mA (40.2k
Ω)
0
5
10
15
20
25
30
35
40
45
50
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage (V)
Icoc = 40mA (1k
Ω)
Icoc = 20mA (1.96k
Ω)
Icoc = 10mA (4.02k
Ω)
Icoc = 30mA (1.33k
Ω)
Icoc =4mA (10k
Ω)
Icoc = 1mA (40.2k
Ω)
Figure 5. Constant Output Current vs. VOUT; RIREF = 1k
Ω
Figure 6. Constant Output Current vs. VOUT; RIREF = 1k
Ω
0
5
10
15
20
25
30
35
40
45
50
012
34567
89
10
Output Voltage (V)
-40°C
+25°C
+85°C
0
5
10
15
20
25
30
35
40
45
50
00.511.5
2
Output Voltage (V)
-40°C
+25°C
+85°C
Figure 7. ICOC vs. Temp.; RIREF = 1k
Ω, VOUT = 1.5V
Figure 8. ICOC vs. Temp.; RIREF = 10k
Ω, VOUT = 1.5V
39
39.5
40
40.5
41
41.5
42
-40
-15
10
35
60
85
Ambient Temperature (°C)
3.9
3.95
4
4.05
4.1
4.15
4.2
-40
-15
10
35
60
85
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com