전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1121 데이터시트(PDF) 6 Page - ams AG

부품명 AS1121
상세설명  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1121 데이터시트(HTML) 6 Page - ams AG

Back Button AS1121 Datasheet HTML 2Page - ams AG AS1121 Datasheet HTML 3Page - ams AG AS1121 Datasheet HTML 4Page - ams AG AS1121 Datasheet HTML 5Page - ams AG AS1121 Datasheet HTML 6Page - ams AG AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
5 - 21
AS1121
Datasheet - Electrical Character i s t ics
Timing Characteristics
VCC = +3.1V to +3.6V, TAMB = -40°C to +85ºC. Typical values are at TAMB = +25°C, VCC = 3.3V (unless otherwise specified).
Interface Characteristics
VCC = +3.1V to +3.6V, TAMB = -40°C to +85ºC. Typical values are at TAMB = +25°C, VCC = 3.3V (unless otherwise specified).
IOL
Low-Level Output Current
VCC = 5 V at SDO, XERR
1.0
mA
VLOD
LED Open Detection Threshold
0.3
0.4
V
VIREF
Reference Voltage Output
RIREF = 1k
Ω
1.23
1.27
1.32
V
Thermal Protection
TTWF
Thermal Warn Flag Threshold
125
ºC
TTEF
Thermal Error Flag Threshold
150
ºC
Table 4. Output Tming Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tR0
Rise Time
SDO
8
ns
tR1
1
1. Value can be factory trimmed for EMI improvement
OUTn, DC = 3FHEX, RIREF = 1kΩ
25
tF0
Fall Time
SDO
8
ns
tF1
1
OUTn, DC = 3FHEX, RIREF = 1kΩ
25
tPD0
Propagation Delay Time
CLK, SDO
2
2. See Figure 24 on page 16.
15
ns
tPD1
OUT0, OUT1, OUT2, OUT3
2, R
IREF
= 1k
Ω,
turn ON delay
tPD2
OUT0, OUT1, OUT2, OUT3
2, R
IREF
= 1k
Ω,
turn OFF delay
tD
Average Output Delay Time
(can be turend off on request)
OUT4, OUT5, OUT6, OUT7
2
25
ns
OUT8, OUT9, OUT10, OUT11
2
OUT12, OUT13, OUT14, OUT15
2
Table 5. Serial Interface Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCLK
Data Shift Clock Frequency
CLK
30
MHz
fGSCLK
Greyscale Clock Frequency
GSCLK
5
MHz
tWH0/tWL0
CLK Pulse Duration
CLK = 1/0
1
16
ns
tWH1/tWL1
GSCLK Pulse Duration
GSCLK = 1/0
2
tbd
ns
tWH2
LD Pulse Duration
LD = 1
1
20
ns
tWH3
OEN Pulse Duration
OEN = 1
2
20
ns
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com