전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1121 데이터시트(PDF) 9 Page - ams AG

부품명 AS1121
상세설명  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1121 데이터시트(HTML) 9 Page - ams AG

Back Button AS1121 Datasheet HTML 5Page - ams AG AS1121 Datasheet HTML 6Page - ams AG AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
8 - 21
AS1121
Datasheet - Ty pical Operating Characteristics
Figure 9. ICOC vs. RIREF; VOUT = 1.5V
Figure 10. ICOC vs. Dot Correction; VOUT = 1.5V
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
RIREF (kOhm)
0
5
10
15
20
25
30
35
40
45
50
0
9
18
27
36
45
54
63
Dot Correction
RIREF = 1kOhm
RIREF = 10kOhm
Figure 11. Supply Current vs. Temp.; RIREF = 1k
Ω, VOUT = 1.5V
Figure 12.
ΔICOC vs. Constant Output Current average
0
5
10
15
20
25
-40
-15
10
35
60
85
Ambient Temperature (°C)
all channels on, DC=63, OEN=LOW
all channels off , DC=0, OEN=LOW
all channels off DC=0, OEN=HIGH
all channels off , DC=63 OEN=HIGH
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
40
Constant Output Current average (mA)
Vout = 1.5V
Vout = 3.0V
Figure 13.
ΔICOC vs. Temp.; RIREF = 1kΩ
Figure 14.
ΔICOC vs. Temp.; RIREF = 10kΩ
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-40
-15
10
35
60
85
Ambient Temperature (°C)
Vout = 1.5V
Vout = 3.0V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-40
-15
10
35
60
85
Ambient Temperature (°C)
Vout = 1.5V
Vout = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com