| 전자부품 데이터시트 검색엔진 |
|
EP2C8 데이터시트(PDF) 10 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C8 데이터시트(HTML) 10 Page - Altera Corporation |
|
10 / 168 page ![]() 1–8 Altera Corporation Cyclone II Device Handbook, Volume 1 February 2008 Features Cyclone II devices are available in up to three speed grades: –6, –7, and –8, with –6 being the fastest. Table 1–4 shows the Cyclone II device speed-grade offerings. Table 1–4. Cyclone II Device Speed Grades Device 144-Pin TQFP 208-Pin PQFP 240-Pin PQFP 256-Pin FineLine BGA 484-Pin FineLine BGA 484-Pin Ultra FineLine BGA 672-Pin FineLine BGA 896-Pin FineLine BGA EP2C5 (1) –6, –7, –8 –7, –8 — –6, –7, –8 —— —— EP2C8 –6, –7, –8 –7, –8 — –6, –7, –8 —— —— EP2C8A (2) —— — –8 —— —— EP2C15A — — — –6, –7, –8 –6, –7, –8 —— — EP2C20 — — –8 –6, –7, –8 –6, –7, –8 —— — EP2C20A (2) —— — –8 –8 —— — EP2C35 — — — — –6, –7, –8 –6, –7, –8 –6, –7, –8 — EP2C50 — — — — –6, –7, –8 –6, –7, –8 –6, –7, –8 — EP2C70 — — —— —— –6, –7, –8 –6, –7, –8 Notes to Table 1–4: (1) The EP2C5 optionally support the Fast On feature, which is designated with an “A” in the device ordering code. The EP2C5A is only available in the automotive speed grade. Refer to the Cyclone II section in the Automotive-Grade Device Handbook for detailed information. (2) EP2C8A and EP2C20A are only available in industrial grade. |