전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3930 데이터시트(PDF) 15 Page - ams AG

부품명 AS3930
상세설명  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3930 데이터시트(HTML) 15 Page - ams AG

Back Button AS3930_07 Datasheet HTML 11Page - ams AG AS3930_07 Datasheet HTML 12Page - ams AG AS3930_07 Datasheet HTML 13Page - ams AG AS3930_07 Datasheet HTML 14Page - ams AG AS3930_07 Datasheet HTML 15Page - ams AG AS3930_07 Datasheet HTML 16Page - ams AG AS3930_07 Datasheet HTML 17Page - ams AG AS3930_07 Datasheet HTML 18Page - ams AG AS3930_07 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
15 - 32
AS3930
Datasheet - Detailed Descr i p ti on
The last 8 bits are the data that has to be written respectively read. A CS toggle high-low-high terminates the command mode.
If a direct command is sent (B15-B14=11), then the bits from B13 to B8 define the direct command while the last 8 bits are omitted. Table 12
shows all possible direct commands.
All direct commands are explained below:
- clear_wake: Clears the wake state of the chip. In case the chip has woken up (WAKE pin is high), the chip is set back to listening mode.
- reset_RSSI: Resets the RSSI measurement.
- trim_osc: Starts the trimming procedure of the internal RC oscillator (see Figure 20).
- clear_false: Resets the false wake-up register (R13<7:0>=00).
- preset_default: Sets all registers in the default mode, as shown in Figure 7.
Note:
In order to get the AS3930 work properly after sending the preset_default direct command, it is mandatory to write R0<3>=0 and
R0<2>
=0.
Writing of Data to Addressable Registers (WRITE Mode)
The SDI is sampled at the falling edge of SCLK (as shown in the following diagrams).
A CS toggling high-low-high indicates the end of the WRITE command after register has been written. The following example shows a write
command.
Figure 12. Writing of a Single Byte (falling edge sampling)
001
011
R11
001
100
R12
001
101
R13
Table 12. List of Direct Commands
COMMAND_MODE
B13
B12
B11
B10
B9
B8
clear_wake
0
0
0
0
0
0
reset_RSSI
0
0
0
0
0
1
trim_osc
0
000
1
0
clear_false
0
000
1
1
preset_default
0
0
0
1
0
0
Table 11. Bits B13-B8
B13
B12
B11
B10
B9
B8
Read/Write Register
CS
SCLK
SDI
0
0
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK
falling edge
Data is
sampled
Data is moved
to Address
A5-A0
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com