전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3930 데이터시트(PDF) 27 Page - ams AG

부품명 AS3930
상세설명  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3930 데이터시트(HTML) 27 Page - ams AG

Back Button AS3930_07 Datasheet HTML 23Page - ams AG AS3930_07 Datasheet HTML 24Page - ams AG AS3930_07 Datasheet HTML 25Page - ams AG AS3930_07 Datasheet HTML 26Page - ams AG AS3930_07 Datasheet HTML 27Page - ams AG AS3930_07 Datasheet HTML 28Page - ams AG AS3930_07 Datasheet HTML 29Page - ams AG AS3930_07 Datasheet HTML 30Page - ams AG AS3930_07 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
27 - 32
AS3930
Datasheet - Detailed Descri p ti on
8.8.3 External Clock Source
To clock the AS3930 with an external signal the crystal oscillator has to be enabled (R1<0>=1). As shown in Figure 3, the clock must be applied
on the pin XIN while the pin XOUT must stay floating. The RC time constant has to be 100μs with a tolerance of ±10% (e.g. R=680 k
Ω and
C=22pF). In Table 25, the clock characteristics are summarized.
Note:
In power down mode the external clock has to be set to VDD.
Table 25. Characteristics of External Clock
Symbol
Parameter
Min
Typ
Max
Units
VI
Low level
0
0.1*VDD
V
Vh
High level
0.9*VDD
VDD
V
Tr
Rise-time
3
µs
Tf
Fall-time
3
µs
T=1/2
πRC
RC Time constant
90
100
110
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com