전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3930 데이터시트(PDF) 17 Page - ams AG

부품명 AS3930
상세설명  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3930 데이터시트(HTML) 17 Page - ams AG

Back Button AS3930_07 Datasheet HTML 13Page - ams AG AS3930_07 Datasheet HTML 14Page - ams AG AS3930_07 Datasheet HTML 15Page - ams AG AS3930_07 Datasheet HTML 16Page - ams AG AS3930_07 Datasheet HTML 17Page - ams AG AS3930_07 Datasheet HTML 18Page - ams AG AS3930_07 Datasheet HTML 19Page - ams AG AS3930_07 Datasheet HTML 20Page - ams AG AS3930_07 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
17 - 32
AS3930
Datasheet - Detailed Descr i p ti on
Figure 15. Send Direct COMMAND Byte
8.2.3 SDI Timing
Figure 16. SDI Timing Diagram
Table 13. SDI Timing Parameters
Symbol
Parameter
Min
Typ
Max
Units
TCSCLK
Time CS to Sampling Data
500
ns
TDCLK
Time Data to Sampling Data
300
ns
THCL
SCLK High Time
200
ns
TCLK
SCLK period
1
µs
TCLKCS
Time Sampling Data to CS down
500
ns
TCST
CS Toggling time
500
ns
CS
SCLK
SDI
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK
falling edge
Data is
sampled
CS falling edge
signals the end of
COMMAND Mode
Two leading
ONE indicate
COMMAND
Mode
CS
SPI
SCL
THCL
TCSCLK
t
t
t
TCLK
TDCLK
TCST
TCLKCS
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com