전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3931 데이터시트(PDF) 11 Page - ams AG

부품명 AS3931
상세설명  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3931 데이터시트(HTML) 11 Page - ams AG

Back Button AS3931_07 Datasheet HTML 7Page - ams AG AS3931_07 Datasheet HTML 8Page - ams AG AS3931_07 Datasheet HTML 9Page - ams AG AS3931_07 Datasheet HTML 10Page - ams AG AS3931_07 Datasheet HTML 11Page - ams AG AS3931_07 Datasheet HTML 12Page - ams AG AS3931_07 Datasheet HTML 13Page - ams AG AS3931_07 Datasheet HTML 14Page - ams AG AS3931_07 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
10 - 30
AS3931
Datasheet - Ty pical Operating Characteristics
7.2 Temperature Dependence of RSSI
Figure 4. RSSI-step [V] @ Vin = 1 mVpp and 2 mV
Figure 5. RSSI-step [V] @ Vin = 300 µVpp and offset
vs temp [deg C]
vs. temp [deg C]
Figure 6. RSSI-step [V] @ Vin = 1 mV and 2 mV vs.
Figure 7. RSSI-step [V] @ Vin=300µ Vpp and offset
temp [deg C], reduced step
vs. temp [deg C], reduced step
410m
390m
370m
350m
330m
310m
290m
270m
250m
230m
210m
-20
-10
0.0
10
20
temp
30
40
50
60
70
920m
900m
880m
860m
840m
820m
800m
70.0m
69.0m
68.0m
67.0m
66.0m
65.0m
-20
-10
0.0
1020
3040
50
6070
1.020
1.010
1.000
990.0m
980.0m
970.0m
960.0m
950.0m
45.0m
44.0m
43.0m
42.0m
-20
-10
0.0
10
20
30
40
50
60
70
VIN = 300µ VPP
VIN = 0 (offset)
290m
270m
250m
230m
210m
190m
170m
150m
-20
-10
0.0
10
20
temp
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com