전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3931 데이터시트(PDF) 12 Page - ams AG

부품명 AS3931
상세설명  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3931 데이터시트(HTML) 12 Page - ams AG

Back Button AS3931_07 Datasheet HTML 8Page - ams AG AS3931_07 Datasheet HTML 9Page - ams AG AS3931_07 Datasheet HTML 10Page - ams AG AS3931_07 Datasheet HTML 11Page - ams AG AS3931_07 Datasheet HTML 12Page - ams AG AS3931_07 Datasheet HTML 13Page - ams AG AS3931_07 Datasheet HTML 14Page - ams AG AS3931_07 Datasheet HTML 15Page - ams AG AS3931_07 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
11 - 30
AS3931
Datasheet - Ty pical Operating Characteristics
7.3 Supply Voltage Dependence of RSSI
Figure 8. RSSI-step [V] @ Vin = 1 mVpp and 2 mV
Figure 9. RSSI-step [V] @ Vin = 300 µVpp and offset
vs. VCC [V]
vs. VCC [V]
Figure 10. RSSI-step [V] @ Vin = 1 mVpp and 2 mV vs
Figure 11. RSSI-step [V] @ Vin =300 µVpp and offset
VCC [V], reduced stepvs. VCC [V], reduced step
410m
390m
370m
350m
330m
310m
290m
270m
250m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
87.0m
83.0m
79.0m
75.0m
71.0m
67.0m
2.00m
1.80m
1.60m
1.40m
1.20m
1.00m
800m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
280m
260m
240m
220m
200m
180m
160m
2.40
2.60
2.80
3.00
3.20
3.40
3.60
57.0m
55.0m
53.0m
51.0m
49.0m
47.0m
45.0m
43.0m
2.10
1.90
1.70
1.50
1.30
1.10
900m
2.40
2.60
2.80
3.00
3.20
3.40
3.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com