전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5161 데이터시트(PDF) 13 Page - ams AG

부품명 AS5161
상세설명  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5161 데이터시트(HTML) 13 Page - ams AG

Back Button AS5161 Datasheet HTML 9Page - ams AG AS5161 Datasheet HTML 10Page - ams AG AS5161 Datasheet HTML 11Page - ams AG AS5161 Datasheet HTML 12Page - ams AG AS5161 Datasheet HTML 13Page - ams AG AS5161 Datasheet HTML 14Page - ams AG AS5161 Datasheet HTML 15Page - ams AG AS5161 Datasheet HTML 16Page - ams AG AS5161 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AS5161
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
12 - 35
8.2.4 Multiple Slope Output
The AS5161 can be programmed to multiple slopes. Where one programmed reference slope characteristic is copied to multiple slopes. Two,
three and four slopes are selectable by the user OTP bits QUADEN (1:0). In addition to the steepness of the slope the clamping levels can be
programmed as well.
Figure 7. Two Slope Mode
Figure 8. Four Slope Mode
0
100 % DC
360
0
100 % DC
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36