| 전자부품 데이터시트 검색엔진 |
|
AS5161 데이터시트(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5161 데이터시트(HTML) 30 Page - ams AG |
|
30 / 36 page ![]() AS5161 Datasheet - Application In form atio n www.ams.com Revision 1.1 29 - 35 9.6 Special Registers Table 17. Special Registers Data Byte Bit Number Symbol Default Description DATA0 (0x41) 0 AS5161KEY<0> 0 AS5161 KEY<15:0>=0101 0001 0110 0010 A write command with data different from AS5161 KEY is not executed A read command returns all data bits at 0 1 AS5161KEY<1> 0 2 AS5161KEY<2> 0 3 AS5161KEY<3> 0 4 AS5161KEY<4> 0 5 AS5161KEY<5> 0 6 AS5161KEY<6> 0 7 AS5161KEY<7> 0 DATA1 (0x42) 0 AS5161KEY<8> 0 1 AS5161KEY<9> 0 2 AS5161KEY<10> 0 3 AS5161KEY<11> 0 4 AS5161KEY<12> 0 5 AS5161KEY<13> 0 6 AS5161KEY<14> 0 7 AS5161KEY<15> 0 DATA0 (0x60) 0 AS5161KEY<0> 0 AS5161 KEY<15:0>=0101 0001 0110 0010 A write command with data different from AS5161 KEY is not executed A read command returns all data bits at 0 1 AS5161KEY<1> 0 2 AS5161KEY<2> 0 3 AS5161KEY<3> 0 4 AS5161KEY<4> 0 5 AS5161KEY<5> 0 6 AS5161KEY<6> 0 7 AS5161KEY<7> 0 DATA1 (0x61) 0 AS5161KEY<8> 0 1 AS5161KEY<9> 0 2 AS5161KEY<10> 0 3 AS5161KEY<11> 0 4 AS5161KEY<12> 0 5 AS5161KEY<13> 0 6 AS5161KEY<14> 0 7 AS5161KEY<15> 0 |