전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5161 데이터시트(PDF) 29 Page - ams AG

부품명 AS5161
상세설명  12-Bit Magnetic Angle Position Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5161 데이터시트(HTML) 29 Page - ams AG

Back Button AS5161 Datasheet HTML 25Page - ams AG AS5161 Datasheet HTML 26Page - ams AG AS5161 Datasheet HTML 27Page - ams AG AS5161 Datasheet HTML 28Page - ams AG AS5161 Datasheet HTML 29Page - ams AG AS5161 Datasheet HTML 30Page - ams AG AS5161 Datasheet HTML 31Page - ams AG AS5161 Datasheet HTML 32Page - ams AG AS5161 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AS5161
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
28 - 35
DATA4 (0x2C)
0DSPOUT<8>
0
DSP Output
1DSPOUT<9>
0
2
DSPOUT<10>
0
3
DSPOUT<11>
0
4
Not used
0
A read command returns all data bits
at 0
5
Not used
0
6
Not used
0
7
Not used
0
DATA5 (0x2D)
0
AGCVALUE<0>
0
AGC Value
1
AGCVALUE<1>
0
2
AGCVALUE<2>
0
3
AGCVALUE<3>
0
4
AGCVALUE<4>
0
5
AGCVALUE<5>
0
6
AGCVALUE<6>
0
7
AGCVALUE<7>
0
DATA6 (0x2E)
0MAG<0>
0
Magnitude of magnetic field
1MAG<1>
0
2MAG<2>
0
3MAG<3>
0
4MAG<4>
0
5MAG<5>
0
6MAG<6>
0
7MAG<7>
0
DATA7 (0x2F)
0
Not used
0
A read command returns all data bits
at 0
1
Not used
0
2
Not used
0
3
Not used
0
4
Not used
0
5
Not used
0
6
Not used
0
7
Not used
0
Table 16. Read Only Registers
Data Byte
Bit Number
Symbol
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36