전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V6212615-01XE-R 데이터시트(PDF) 69 Page - Texas Instruments

부품명 V6212615-01XE-R
상세설명  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R 데이터시트(HTML) 69 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 65Page - Texas Instruments V6212615-01XE-R Datasheet HTML 66Page - Texas Instruments V6212615-01XE-R Datasheet HTML 67Page - Texas Instruments V6212615-01XE-R Datasheet HTML 68Page - Texas Instruments V6212615-01XE-R Datasheet HTML 69Page - Texas Instruments V6212615-01XE-R Datasheet HTML 70Page - Texas Instruments V6212615-01XE-R Datasheet HTML 71Page - Texas Instruments V6212615-01XE-R Datasheet HTML 72Page - Texas Instruments V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 9-3. Basic Mode Control Register (BMCR), Address 0x00 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Restart Auto-Negotiation:
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation pro- cess.
If Auto-Negotiation is disabled (bit 12 = 0), this bit is ignored. This bit is
9
Restart Auto- Negotiation
0, RW/SC
self-clearing and will return a value of 1 until Auto-Negotiation is initiated,
whereupon it will self-clear. Operation of the Auto-Negotiation process is
not affected by the management entity clearing this bit.
0 = Normal operation
Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port
Duplex capability to be selected.
8
Duplex Mode
Strap, RW
1 = Full Duplex operation
0 = Half Duplex operatio.
Collision Test:
1 = Collision test enabled
0 = Normal operation
7
Collision Test
0, RW
When set, this bit will cause the COL signal to be asserted in response
to the assertion of TX_EN within 512-bit times. The COL signal will be
de-asserted within 4-bit times in response to the de-assertion of TX_EN.
6:00
RESERVED
0, RO
RESERVED: Write ignored, read as 0
9.2.2
Basic Mode Status Register (BMSR)
Table 9-4. Basic Mode Status Register (BMSR), Address 0x01
BIT
BIT NAME
DEFAULT
DESCRIPTION
100BASE-T4 Capable:
15
100BASE-T4
0, RO/P
0 = Device not able to perform 100BASE-T4 mode
100BASE-TX Full Duplex Capable:
14
100BASE-T Full Duplex
1, RO/P
1 = Device able to perform 100BASE-TX in full duplex mode
100BASE-TX Half Duplex Capable:
13
100BASE-T Half Duplex
1, RO/P
1 = Device able to perform 100BASE-TX in half duplex mode
10BASE-T Full Duplex Capable:
12
10BASE-T Full Duplex
1, RO/P
1 = Device able to perform 10BASE-T in full duplex mode
10BASE-T Half Duplex Capable:
11
10BASE-T Half Duplex
1, RO/P
1 = Device able to perform 10BASE-T in half duplex mode
10:07
RESERVED
0, RO
RESERVED: Write as 0, read as 0
Preamble suppression Capable:
1 = Device able to perform management transaction with preamble
6
MF Preamble Suppression
1, RO/P
suppressed, 32-bits of preamble needed only once after reset, invalid
opcode or invalid turnaround.
0 = Normal management operation
Auto-Negotiation Complete:
5
Auto-Negotiation Com- plete
0, RO
1 = Auto-Negotiation process complete
0 = Auto-Negotiation process not complete
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by reset). Fault
4
Remote Fault
0, RO/LH
criteria: Far End Fault Indication or notification from Link Partner of
Remote Fault.
0 = No remote fault condition detected
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
69
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com