전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL2583 데이터시트(PDF) 20 Page - ams AG

부품명 TSL2583
상세설명  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 데이터시트(HTML) 20 Page - ams AG

Back Button TSL2583 Datasheet HTML 16Page - ams AG TSL2583 Datasheet HTML 17Page - ams AG TSL2583 Datasheet HTML 18Page - ams AG TSL2583 Datasheet HTML 19Page - ams AG TSL2583 Datasheet HTML 20Page - ams AG TSL2583 Datasheet HTML 21Page - ams AG TSL2583 Datasheet HTML 22Page - ams AG TSL2583 Datasheet HTML 23Page - ams AG TSL2583 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
19
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
System Considerations
There are three system design considerations to take into account when using this device:
D The initial Channel 0 and Channel 1 ADC values (14h~17h) after ADC_EN is asserted should be discarded
because the first ADC values are affected by transients associated with the power up of the analog circuitry.
D It is recommended that the ADC_EN be disabled before changing the analog gain (GAIN) in the Analog
register (07h) because the change will affect the integration in progress, yielding an indeterminate result.
D The integration time (ITIME) in the Timing register (01h) can be changed at any time; however, the change
will take effect only upon completion of the current ALS cycle.
Regarding the first design consideration, there are several ways that the initial ADC values can be discarded.
One option is to use the interrupt persistence (PERSIST) in the Interrupt Control register (02h) equal to 2
(0010b), such that an interrupt is generated after the second ADC cycle when the values are valid. To ensure
an interrupt, the interrupt high and low threshold registers (03h~06h) can both be set to 0, which is the default
value. Once the interrupt occurs, the interrupt thresholds and PERSIST can be modified as desired.
To ensure the shortest time in the initial ADC cycle, another option is to set ITIME to the minimum, assert
ADC_EN, and then change ITIME to the preferred integration time. Clear the first interrupt produced by the
minimum integration time cycle so subsequent interrupts are the result of the modified integration time.
For example code that satisfies the system considerations listed above, see TAOS Designer’s Notebook
Number 42: TSL258x: Accurate ADC Readings after Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com