전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6208D 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6208D
상세설명  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D 데이터시트(HTML) 1 Page - STMicroelectronics

  L6208D Datasheet HTML 1Page - STMicroelectronics L6208D Datasheet HTML 2Page - STMicroelectronics L6208D Datasheet HTML 3Page - STMicroelectronics L6208D Datasheet HTML 4Page - STMicroelectronics L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
February 2014
DocID7514 Rev 2
1/35
L6208
DMOS driver for bipolar stepper motor
Datasheet
- production data
Features
 Operating supply voltage from 8 to 52 V
 5.6 A output peak current (2.8 A RMS)
 RDS(ON) 0.3  typ. value at Tj = 25 °C
 Operating frequency up to 100 KHz
 Non-dissipative overcurrent protection
 Dual independent constant tOFF PWM current
controllers
 Fast/slow decay mode selection
 Fast decay quasi-synchronous rectification
 Decoding logic for stepper motor full and half
step drive
 Cross conduction protection
 Thermal shutdown
 Undervoltage lockout
 Integrated fast freewheeling diodes
Applications
 Bipolar stepper motor
Description
The L6208 device is a DMOS fully integrated
stepper motor driver with non-dissipative
overcurrent protection, realized in BCD
technology, which combines isolated DMOS
power transistors with CMOS and bipolar circuits
on the same chip. The device includes all the
circuitry needed to drive a two phase bipolar
stepper motor including: a dual DMOS full bridge,
the constant off time PWM current controller that
performs the chopping regulation and the phase
sequence generator, that generates the stepping
sequence. Available in PowerDIP24 (20 + 2 + 2),
PowerSO36 and SO24 (20 + 2 + 2) packages, the
L6208 device features a non-dissipative
overcurrent protection on the high-side Power
MOSFETs and thermal shutdown.
www.st.com


유사한 부품 번호 - L6208D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6208D STMICROELECTRONICS-L6208D Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
More results

유사한 설명 - L6208D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
443Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982 Datasheet
299Kb / 10P
DMOS Stepper Motor Driver with Translator
logo
STMicroelectronics
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
DMOS driver for bipolar stepper motor
14-Jan-2008
L6228Q STMICROELECTRONICS-L6228Q_10 Datasheet
497Kb / 32P
DMOS driver for bipolar stepper motor
31-Aug-2010
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982_13 Datasheet
335Kb / 11P
DMOS Stepper Motor Driver with Translator
logo
STMicroelectronics
L6228DTR STMICROELECTRONICS-L6228DTR Datasheet
457Kb / 26P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Sep-2003
L6208Q STMICROELECTRONICS-L6208Q Datasheet
837Kb / 34P
DMOS driver for bipolar stepper motor
12-Jun-2013
L6208QTR STMICROELECTRONICS-L6208QTR Datasheet
837Kb / 34P
DMOS driver for bipolar stepper motor
12-Jun-2013
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com