전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6208D 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6208D
상세설명  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D 데이터시트(HTML) 4 Page - STMicroelectronics

  L6208D Datasheet HTML 1Page - STMicroelectronics L6208D Datasheet HTML 2Page - STMicroelectronics L6208D Datasheet HTML 3Page - STMicroelectronics L6208D Datasheet HTML 4Page - STMicroelectronics L6208D Datasheet HTML 5Page - STMicroelectronics L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Maximum ratings
L6208
4/35
DocID7514 Rev 2
2
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
VS
Supply voltage
VSA = VSB = VS
60
V
VOD
Differential voltage between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS = 60 V;
VSENSEA = VSENSEB = GND
60
V
VBOOT
Bootstrap peak voltage
VSA = VSB = VS
VS + 10
V
VIN, VEN Input and enable voltage range
-0.3 to +7
V
VREFA,
VREFB
Voltage range at pins VREFA and VREFB
-0.3 to +7
V
VRCA,
VRCB
Voltage range at pins RCA and RCB
-0.3 to +7
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and SENSEB
-1 to +4
V
IS(peak)
Pulsed supply current (for each VS pin),
internally limited by the overcurrent protection
VSA = VSB = VS;
tPULSE < 1 ms
7.1
A
IS
RMS supply current (for each VS pin)
VSA = VSB = VS
2.8
A
Tstg, TOP Storage and operating temperature range
-40 to 150
C
Table 2. Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VS
Supply voltage
VSA = VSB = VS
852
V
VOD
Differential voltage between
VSA, OUT1A, OUT2A, SENSEA and
VSB, OUT1B, OUT2B, SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VREFA,
VREFB
Voltage range at pins VREFA and VREFB
-0.1
5
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and SENSEB
(pulsed tW < trr)
(DC)
-6
-1
6
1
V
V
IOUT
RMS output current
2.8
A
Tj
Operating junction temperature
-25
+125
°C
fsw
Switching frequency
100
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com