전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6208D 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L6208D
상세설명  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208D 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L6208D Datasheet HTML 6Page - STMicroelectronics L6208D Datasheet HTML 7Page - STMicroelectronics L6208D Datasheet HTML 8Page - STMicroelectronics L6208D Datasheet HTML 9Page - STMicroelectronics L6208D Datasheet HTML 10Page - STMicroelectronics L6208D Datasheet HTML 11Page - STMicroelectronics L6208D Datasheet HTML 12Page - STMicroelectronics L6208D Datasheet HTML 13Page - STMicroelectronics L6208D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical characteristics
L6208
10/35
DocID7514 Rev 2
Figure 3. Switching characteristic definition
Figure 4. Clock to output delay time
Figure 5. Minimum timing definition; clock input
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316
CLOCK
IOUT
t
t
tDCLK
Vth(ON)
D01IN1317
CLOCK
tCLK(MIN)H
tCLK(MIN)L
Vth(OFF)
Vth(ON)
D01IN1318
Vth(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com