전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC354NTJ000F 데이터시트(PDF) 9 Page - Sharp Corporation

부품명 PC354NTJ000F
상세설명  Mini-flat Package, AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354NTJ000F 데이터시트(HTML) 9 Page - Sharp Corporation

Back Button PC354NTJ000F Datasheet HTML 5Page - Sharp Corporation PC354NTJ000F Datasheet HTML 6Page - Sharp Corporation PC354NTJ000F Datasheet HTML 7Page - Sharp Corporation PC354NTJ000F Datasheet HTML 8Page - Sharp Corporation PC354NTJ000F Datasheet HTML 9Page - Sharp Corporation PC354NTJ000F Datasheet HTML 10Page - Sharp Corporation PC354NTJ000F Datasheet HTML 11Page - Sharp Corporation PC354NTJ000F Datasheet HTML 12Page - Sharp Corporation PC354NTJ000F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Sheet No.: D2-A00602EN
■ Design Considerations
While operating at IF<1.0mA, CTR variation may increase.
Please make design considering this fact.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
● Design guide
PC354NJ0000F Series
● Recommended Foot Print (reference)
1.5
6.3
(Unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com