전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC354NTJ000F 데이터시트(PDF) 10 Page - Sharp Corporation

부품명 PC354NTJ000F
상세설명  Mini-flat Package, AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354NTJ000F 데이터시트(HTML) 10 Page - Sharp Corporation

Back Button PC354NTJ000F Datasheet HTML 6Page - Sharp Corporation PC354NTJ000F Datasheet HTML 7Page - Sharp Corporation PC354NTJ000F Datasheet HTML 8Page - Sharp Corporation PC354NTJ000F Datasheet HTML 9Page - Sharp Corporation PC354NTJ000F Datasheet HTML 10Page - Sharp Corporation PC354NTJ000F Datasheet HTML 11Page - Sharp Corporation PC354NTJ000F Datasheet HTML 12Page - Sharp Corporation PC354NTJ000F Datasheet HTML 13Page - Sharp Corporation PC354NTJ000F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Sheet No.: D2-A00602EN
■ Manufacturing Guidelines
Reflow Soldering:
Reflow soldering should follow the temperature profile shown below.
Soldering should not exceed the curve of temperature profile and time.
Please don't solder more than twice.
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 260˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
PC354NJ0000F Series
12
3
4
300
200
100
0
0
(˚C)
Terminal : 260˚C peak
( package surface : 250˚C peak)
Preheat
150 to 180˚C, 120s or less
Reflow
220˚C or more, 60s or less
(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com