전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC354NTJ000F 데이터시트(PDF) 4 Page - Sharp Corporation

부품명 PC354NTJ000F
상세설명  Mini-flat Package, AC Input Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC354NTJ000F 데이터시트(HTML) 4 Page - Sharp Corporation

  PC354NTJ000F Datasheet HTML 1Page - Sharp Corporation PC354NTJ000F Datasheet HTML 2Page - Sharp Corporation PC354NTJ000F Datasheet HTML 3Page - Sharp Corporation PC354NTJ000F Datasheet HTML 4Page - Sharp Corporation PC354NTJ000F Datasheet HTML 5Page - Sharp Corporation PC354NTJ000F Datasheet HTML 6Page - Sharp Corporation PC354NTJ000F Datasheet HTML 7Page - Sharp Corporation PC354NTJ000F Datasheet HTML 8Page - Sharp Corporation PC354NTJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A00602EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Terminal capacitance
Collector dark current
Collector-emitter breakdown voltage
Emitter-collector breakdown voltage
Transfer
charac-
teristics
Collector current
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
6
0.2
5
×10
10
80
TYP.
1.2
30
0.1
1
×10
11
0.6
4
3
MAX.
1.4
250
100
4.0
0.2
1.0
18
18
Unit
V
pF
nA
V
mA
V
pF
V
µs
µs
Symbol
VF
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
RISO
tr
tf
Cf
Response time
Rise time
Fall time
Input
Output
IF
=±20mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=±1mA, VCE=5V
IF
=±20mA, IC=1mA
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
DC500V, 40 to 60%RH
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
±50
±1
70
80
6
50
150
170
−30 to +100
−40 to +125
260
3.75
kV
4
PC354NJ0000F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com