전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXH010A0Y9 데이터시트(PDF) 4 Page - Lineage Power Corporation

부품명 AXH010A0Y9
상세설명  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0Y9 데이터시트(HTML) 4 Page - Lineage Power Corporation

  AXH010A0Y9 Datasheet HTML 1Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 2Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 3Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 4Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 5Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 6Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 7Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 8Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Lineage Power
4
Data Sheet
March 28, 2008
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
See Feature Descriptions for additional information
.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = VI,min to VI, max; open collector npn or Compatible, Von/off
signal referenced to GND. See Figure 20 and Feature
Descriptions section)
Logic High (ON/OFF pin open—Module On)
Ion/off = 0.0 µA
Von/off = VI -0.4
Logic Low (VON/OFF < 0.3 V)—Module Off
Ion/off = 0.5 mA
Von/off = 0.3 V
Turn-on time
(IO = 80% of IO, max; VO within ±1% of steady state; see
Figure 12)
All
All
All
All
Von/off
Ion/off
Von/off
Ion/off
—5
6.5
10
0.3
1
V
µA
V
mA
ms
Output voltage set-point adjustment range (TRIM)
AXH010A0S0R9-SR
All others
Vtrim
Vtrim
-5
-10
+10
+10
%VO, set
%VO, set
Overtemperature Protection (shutdown)
All
TQ1/TQ2
—110
°C
Input Undervoltage Lockout
Turn-on Threshold
Turn-off Threshold
All
All
2.63
2.47
2.8
2.7
2.95
2.9
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com