전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXH010A0Y9 데이터시트(PDF) 8 Page - Lineage Power Corporation

부품명 AXH010A0Y9
상세설명  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0Y9 데이터시트(HTML) 8 Page - Lineage Power Corporation

Back Button AXH010A0Y9 Datasheet HTML 4Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 5Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 6Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 7Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 8Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 9Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 10Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 11Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Lineage Power
8
Data Sheet
March 28, 2008
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
Test Configurations
Note: Measure input reflected ripple current with a simulated source
inductance (LTEST) of 1µH. Capacitor CS offsets possible bat-
tery impedance. Measure current as shown above.
Figure 15. Input Reflected Ripple Current Test Setup.
Note: Scope measurements should be made using a BNC socket,
with a 10 µF tantalum capacitor and a 1 µF ceramic capcitor.
Position the load between 51 mm and 76 mm (2 in and 3 in)
from the module
Figure 16. Peak-to-Peak Output Ripple Measurement
Test Setup.
Note: All voltage measurements to be taken at the module termi-
nals, as shown above. If sockets are used then Kelvin con-
nections are required at the module terminals to avoid
measurement
errors due to socket contact resistance.
Figure 17. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the module.
18 shows the input ripple voltage (mVp-p) for various output
models using a 150 µF low ESR polymer capacitor (Pana-
sonic p/n: EEFUE0J151R, Sanyo p/n: 6TPE150M) in parallel
with 47 µF ceramic capacitor (Panasonic p/n: ECJ-
5YB0J476M,
Taiyo Yuden p/n: CEJMK432BJ476MMT). 19 depicts much
lower input voltage ripple when input capacitance is
increased to 450 µF (3 x 150 µF) polymer capacitors in par-
allel with 94 µF (2 x 47 µF) ceramic capacitor.
The input capacitance should be able to handle an AC ripple
current of at least:
Figure 18. Input Voltage Ripple for Various
Output Models, IO = 10 A
(CIN = 150 µF polymer // 47 µF ceramic).
Figure 19. Input Voltage Ripple for Various
Output Models, IO = 10 A (CIN = 3x150 µF
polymer // 2x47 µF ceramic).
BATTERY
L
1 µH
CS 220
μF
ESR < 0.1
Ω
@ 20
°C, 100 kHz
VI (+)
VI (–)
2 x 100µF
Tantalum
VO
GND
RESISTIVE
LOAD
SCOPE
10 µF
COPPER STRIP
TANTALUM
1µF
CERAMIC
VI
VO
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
GND
η
V
O(+)
V
O(-)
[] I
O
×
V
I(+)
V
I(-)
[] I
I
×
------------------------------------------------
⎝⎠
⎛⎞
100
×
=
I
rms
I
out
V
out
V
in
----------- 1
V
out
V
in
-----------
=
A
rms
0
50
100
150
200
0.5
1
1.5
2
2.5
3
VI = 5 V
VI = 3.3 V
OUTPUT VOLTAGE, VO (Vdc)
0
25
50
75
100
0.5
1
1.5
2
2.5
3
VI = 5 V
VI = 3.3 V
OUTPUT VOLTAGE, VO (Vdc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com