전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXH010A0Y9 데이터시트(PDF) 1 Page - Lineage Power Corporation

부품명 AXH010A0Y9
상세설명  Austin LynxTM SMT Non-Isolated dc-dc Power Modules
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0Y9 데이터시트(HTML) 1 Page - Lineage Power Corporation

  AXH010A0Y9 Datasheet HTML 1Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 2Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 3Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 4Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 5Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 6Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 7Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 8Page - Lineage Power Corporation AXH010A0Y9 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
March 28, 2008
Austin LynxTM SMT Non-Isolated dc-dc Power Modules:
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Document Name: FDS02-034EPS ver.1.6
PDF Name: Austin Lynx SMT
Applications
n
Workstations,Servers and Desktop computers
n
Distributed Power Architectures
n
Telecommunications Equipment
n
LANs/WANs
n
Data processing Equipment
n
Latest generation IC’s (DSP, FPGA, ASIC) and Micropro-
cessor-powered applications.
Options
n
Remote Sense
Features
n
Compatible with RoHS EU Directive 200295/EC
n
Compatible in Pb- free or SnPb reflow environment
n
Delivers up to 10A output current
n
High efficiency: 95% at 3.3V full load
n
Small size and low profile:
33 mm x 13.5 mm x 8.30 mm
(1.3 in x 0.53 in x 0.33 in)
n
Light Weight 0.23 oz(6.5 g)
n
Cost-efficient open frame design
n
High reliability: MTBF > 10M hours at 25 °C
n
Constant switching frequency (300 KHz typical)
n
Output overcurrent protection with auto-restart
n
Overtemperature protection
n
Surface Mount Package,Tape and Reel
n
Adjustable output voltage (-5% to +10% for 0.9V output)
n
Remote On/Off
n
Wide Operating temperature range:-40 °C to +85 °C
n
UL* 60950 Recognized, CSAC22.2 No. 60950-00 Certi-
fied, and VDE0805 (IEC60950, 3rd edition) Licensed
RoHS Compliant
Description
Austin Lynx™ power modules are non-isolated dc-dc converters that can deliver 10 A of output current with full load effi-
ciency of 95% at 3.3 V output. These open frame modules in surface-mount-package enable designers to develop cost-and
space efficient solutions. Standard features include remote ON/OFF, output voltage adjustment, overcurrent and overtem-
perature protection.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Association.
‡ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should be followed. (The CE mark is placed on selected products.)
** ISO is a registered trademark of the Internation Organization of Standards


유사한 부품 번호 - AXH010A0Y9

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
AXH010A0Y LINEAGEPOWER-AXH010A0Y Datasheet
194Kb / 15P
3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0Y LINEAGEPOWER-AXH010A0Y Datasheet
376Kb / 15P
Compatible with RoHS EU Directive 200295/EC (-Z Versions)
AXH010A0YZ LINEAGEPOWER-AXH010A0YZ Datasheet
194Kb / 15P
3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0YZ LINEAGEPOWER-AXH010A0YZ Datasheet
376Kb / 15P
Compatible with RoHS EU Directive 200295/EC (-Z Versions)
More results

유사한 설명 - AXH010A0Y9

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
TLynxTM: Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
12V TLynxTM Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
Naos Raptor 6A: Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
power modules are non-isolated DC/DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com