전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT201X 데이터시트(PDF) 21 Page - List of Unclassifed Manufacturers

부품명 FT201X
상세설명  Future Technology Devices International Ltd.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X 데이터시트(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 17Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 18Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 19Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 20Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 21Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 22Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 23Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 24Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3V3OUT-
0.2
V
Vol
Output Voltage Low
0.2
V
Vil
Input low Switching
Threshold
-
0.8
V
Vih
Input High Switching
Threshold
2.0
-
V
Table 6.7 USB I/O Pin (USBDP, USBDM) Characteristics
6.4 MTP Memory Reliability Characteristics
The internal 2048 Byte MTP memory has the following reliability characteristics:
Parameter
Value
Unit
Data Retention
10
Years
Write Cycle
2,000
Cycles
Read Cycle
Unlimited
Cycles
Table 6.8 MTP memory Characteristics
6.5 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics:
Parameter
Value
Unit
Minimum
Typical
Maximum
Frequency of Operation
(see Note 1)
11.98
12.00
12.02
MHz
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
Table 6.9 Internal Clock Characteristics
Note 1: Equivalent to +/-1667ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com