전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT201X 데이터시트(PDF) 39 Page - List of Unclassifed Manufacturers

부품명 FT201X
상세설명  Future Technology Devices International Ltd.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X 데이터시트(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 35Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 36Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 37Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 38Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 39Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 40Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 41Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 42Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
39
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
10.5.4
Examples of Writing and Reading
When performing MTP memory write and read requests via the I2C protocol, users must first issue the
MTP address command along with 2 bytes representing the MTP memory address. The acknowledge
phase of this command represents the current status of the MTP memory (whether it is busy or not). If
the MTP memory is being accessed during an I2C access then the respective command and data phases
will NAK the master. The address will only be updated when the MTP memory is inactive.
Writing
The first part of the communication sets the address, and this is followed by the write command along
with the data to be written. The MTP memory write itself will be initiated when the FT201X receives an
MTP memory write command followed by a single data byte. The ACK phase represents the current
activity of the MTP memory (whether it is busy or not busy). A successful write will only occur when both
status phases acknowledge the master indicating that the MTP memory can start the write. Users wishing
to determine if the MTP memory write was successful should immediately try an MTP memory read to
verify the new contents.
This process of writing to the MTP memory is shown below:
Figure 10.2: Write EEPROM command sequence
Reading
In a similar way, the read is carried out as shown below.The first part of the communication sets the
address, and this is followed by the read command and a read cycle used to retrieve the data read back
from that address.
An MTP memory read will be initiated when the I2C slave receives an MTP read command. The
acknowledge during the command phase indicates whether or not the MTP memory will be able to service
the read request. If it is possible to carry out the read, the I2C moves into the data phase where it can
either continue with the read transaction until the slave successful returns an ACK along with the data or
if it receives NAK during the data phase it can abort the read transfer and try again.
Figure 10.3: Read EEPROM command sequence
0000000
0
0001_0000
0
S/Sr General call addr R/!W
A
MTP ADDR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP ADR MSB
A
A
0000000
0
0001_0010
0
S/Sr General call addr R/!W
A
MTP WR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP WR DATA
A
P/Sr
MTP Memory Address Phase
MTP memory Write Phase
MTP ADR LSB
0000000
0
0001_0000
0
S/Sr General call addr R/!W
A
MTP ADDR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP ADR MSB
A
A
0000000
0
0001_0100
1
S/Sr General call addr R/!W
A
MTP WR cmd
A/!A
Sr
Slave addr
R/!W
A
MTP WR DATA
A
P/Sr
MTP ADR LSB
MTP Memory Address Phase
MTP memory Read Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com