전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FT201X 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers

부품명 FT201X
상세설명  Future Technology Devices International Ltd.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 23Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 24Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 25Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 26Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 27Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 28Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 29Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 30Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
27
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
Alternatively the PWREN# And SLEEP pins may be used to control the LTC4053 such that a battery may
be charged from a standard host (low current) or from a dedicated charging port (high current). In such
a design as shown below the charge current would need to be limited to 0.4A to ensure that the USB host
power limit is not exceeded.
X-Chip Pin
Function
EEPROM Setting
CBUS5
CBUS6
SLEEP#
PWREN#
Battery Options
Battery Charger Enable
Force Power Enable
De-acticate Sleep
X
X
X
SLEEP#
PWREN#
DP
DM
3V3OUT
RESET#
CBUS6
CBUS5
U1
FT201X
0.4A when connected to a dedicated charger port
GND
GND
0.1uF
0.1uF
GND
GND
600R/2A
10nF
VBUS
3V3OUT
0.1uF
0R
GND
SLD
GND
27R
27R
VBUS
1
D-
2
D+
3
GND
5
ID
4
CN USB
3V3OUT
3V3OUT
VBUS
VBUS
N.F.
16K5 1%
GND
4K32 1%
PWREN#
0.4A when enumerated
0A when in sleep mode
0.1A when not enumerated and not in sleep mode
VCC
2
FAULT
3
TIMER
4
GND
5
NTC
6
PROG
7
SHDN
8
BAT
9
ACPR
10
CHRG
1
LTC4053EDD
GND
4.7uF
0.1uF
GND
VBUS
VBUS
GND
VBATT
GND
GND
1
TB3.5mm
NTC
0.1uF
GND
VBUS
1uF
1R
GND
VBUS
2K2
GND
JP1
1-2
2-3
NCT Enabled
NCT Available
JP1
SIP-3
NTC
GND
NCT Disabled (Default)
JUMPER-2mm
4K32 1%
+
-
NCT
SLEEP#
Figure 8.3 USB Battery Charging Detection (2- pin)
In the example above the FT201X SLEEP pin is used to enable/disable the LTC4053, while the PWREN#
signal alters the charging current by altering the resistance on the LTC4053 PROG pin.
A third option shown in the example below uses the SLEEP signal from the FT201X to enable / disable the
battery charger. The BCD# and PWREN# signals are then used to alter the resistance on the PROG pin of
the LTC4053 which controls the charge current drawn from the USB connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com