전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRH3012T-R0NN 데이터시트(PDF) 17 Page - Taiyo Yuden (U.S.A.), Inc

부품명 NRH3012T-R0NN
상세설명  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN 데이터시트(HTML) 17 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_smd_NR_NS_reli_e-E02R01
7. Temperature characteristic
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
Inductance change : Within ±20%
NR10050 Type
NS101, NS125 Type
Inductance change : Within ±15%
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NR10050 Type :
Measurement of inductance shall be taken at temperature range within -25℃~+85℃.
With reference to inductance value at +20℃., change rate shall be calculated.
NS101, NS125 Type :
Measurement of inductance shall be taken at temperature range within -40℃~+125℃.
With reference to inductance value at +20℃., change rate shall be calculated.
Change of maximum inductance deviation in step 1 to 5
Step
Temperature(℃)
1
20
2
Minimum operating temperature
3
20 (Standard temperature)
4
Maximum operating temperature
5
20
8. Resistance to flexure of substrate
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
No damage
NR10050 Type
-
NS101, NS125 Type
No damage
Test Methods and
Remarks
NR30/40/50/60/80, NRV20/30, NRH24/30, NRS20/40/50/60/80 Type, NS101/125 Type :
The test samples shall be soldered to the test board by the reflow. As illustrated below, apply force in the direction of the arrow indicating
until deflection of the test board reaches to 2 mm.
Test board size
: 100×40×1.0
Test board material
: glass epoxy-resin
Solder cream thickness
: 0.10mm (NR30, NRS20, NRH24/30, NRV20/30)
: 0.15mm(NR40/50/60/80, NRS40/50/60, NS101/125Type)
Land dimension
A
A
B
C
Type
A
B
C
NRS20, NRV20
0.65
0.7
2.0
NRH24
0.7
0.75
2.0
NR30, NRV30, NRH30
0.8
1.4
2.7
NR40, NRS40
1.2
1.6
3.7
NR50, NRS50
1.5
2.1
4.0
NR60, NRS60
1.6
3.1
5.7
NR80, NRS80
1.8
3.8
7.5
Type
A
B
C
NS101
2.5
5.6
3.2
NS125
2.5
8.6
3.2
9. Insulation resistance : between wires
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
-
NR10050 Type
NS101, NS125 Type
10. Insulation resistance : between wire and core
Specified Value
NR30/40/50/60/80, NRV20/30,
NRH24/30, NRS20/40/50/60/80 Type
-
NR10050 Type
NS101, NS125 Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com