전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRH3012T-R0NN 데이터시트(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

부품명 NRH3012T-R0NN
상세설명  Please read this notice before using the TAIYO YUDEN products.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRH3012T-R0NN 데이터시트(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button NRH3012T-R0NN Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc NRH3012T-R0NN Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
47
/
■PARTS NUMBER
●NR 6028 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NR 6028T 0R9N
RoHS
0.9
±30%
90
0.013
6,600
4,600
100
NR 6028T 1R5N
RoHS
1.5
±30%
78
0.016
5,000
4,200
100
NR 6028T 2R2N
RoHS
2.2
±30%
68
0.020
4,200
3,700
100
NR 6028T 3R0N
RoHS
3.0
±30%
55
0.023
3,600
3,400
100
NR 6028T 4R7M
RoHS
4.7
±20%
39
0.031
2,700
3,000
100
NR 6028T 6R0M
RoHS
6.0
±20%
30
0.040
2,500
2,500
100
NR 6028T 100M
RoHS
10
±20%
20
0.065
1,900
1,900
100
NR 6028T 150M
RoHS
15
±20%
17
0.095
1,600
1,800
100
NR 6028T 220M
RoHS
22
±20%
12
0.135
1,300
1,400
100
NR 6028T 330M
RoHS
33
±20%
10
0.220
1,100
1,100
100
NR 6028T 470M
RoHS
47
±20%
8
0.300
950
920
100
NR 6028T 680M
RoHS
68
±20%
5
0.420
760
770
100
NR 6028T 101M
RoHS
100
±20%
3
0.600
620
660
100
●NR 6045 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NR 6045T 1R0N
RoHS
1.0
±30%
110
0.014
8,500
4,200
100
NR 6045T 1R3N
RoHS
1.3
±30%
95
0.016
8,000
4,000
100
NR 6045T 1R8N
RoHS
1.8
±30%
80
0.018
7,000
3,700
100
NR 6045T 2R3N
RoHS
2.3
±30%
60
0.021
6,000
3,500
100
NR 6045T 3R0N
RoHS
3.0
±30%
45
0.024
5,000
3,200
100
NR 6045T 4R5M
RoHS
4.5
±20%
25
0.031
4,000
3,000
100
NR 6045T 6R3M
RoHS
6.3
±20%
15
0.038
3,800
2,800
100
NR 6045T 100M
RoHS
10
±20%
12
0.047
3,000
2,500
100
NR 6045T 150M
RoHS
15
±20%
10
0.077
2,300
1,900
100
NR 6045T 220M
RoHS
22
±20%
7
0.115
1,900
1,500
100
NR 6045T 330M
RoHS
33
±20%
6
0.145
1,500
1,400
100
NR 6045T 470M
RoHS
47
±20%
5
0.220
1,300
1,100
100
NR 6045T 680M
RoHS
68
±20%
4
0.330
1,000
900
100
NR 6045T 101M
RoHS
100
±20%
3
0.500
800
700
100
●NR 8040 Shielded type
Saturation current
Idc1
Temperature rise current
Idc2
NR 8040T 0R9N
RoHS
0.9
±30%
85
0.006
11,000
7,800
100
NR 8040T 1R4N
RoHS
1.4
±30%
63
0.007
9,000
7,000
100
NR 8040T 2R0N
RoHS
2.0
±30%
50
0.009
7,400
6,300
100
NR 8040T 3R6N
RoHS
3.6
±30%
34
0.015
5,300
4,900
100
NR 8040T 4R7N
RoHS
4.7
±30%
30
0.018
4,700
4,100
100
NR 8040T 6R8N
RoHS
6.8
±30%
24
0.025
4,000
3,700
100
NR 8040T 100M
RoHS
10
±20%
22
0.034
3,400
3,100
100
NR 8040T 150M
RoHS
15
±20%
16
0.050
2,700
2,400
100
NR 8040T 220M
RoHS
22
±20%
13
0.066
2,200
2,200
100
NR 8040T 330M
RoHS
33
±20%
12
0.100
1,900
1,700
100
NR 8040T 470M
RoHS
47
±20%
8
0.150
1,500
1,400
100
NR 8040T 680M
RoHS
68
±20%
7
0.230
1,200
1,100
100
NR 8040T 101M
RoHS
100
±20%
6
0.290
1,000
1,000
100
※) The saturation current value (Idc1) is the DC current value having inductance decrease down to 30%. (at 20℃)
※) The temperature rise current value(Idc2) is the DC current value having temperature increase up to 40℃. (at 20℃)
※) The rated current is the DC current value that satisfies both of current value saturation current value and temperature rise current value.
Rated current ※) [mA]
Measuring
frequency[kHz]
Rated current ※) [mA]
Measuring
frequency[kHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Nominal inductance
[μH]
Inductance tolerance
Rated current ※) [mA]
Measuring
frequency[kHz]
Self-resonant
frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Parts number
EHS
i_smd_NR_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com