전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIM3U167 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SIM3U167
상세설명  High-Performance, Low-Power, 32-Bit Precision32??USB MCU Family with up to 256 kB of Flash Die in Wafer Form
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SIM3U167 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SIM3U167 Datasheet HTML 5Page - Silicon Laboratories SIM3U167 Datasheet HTML 6Page - Silicon Laboratories SIM3U167 Datasheet HTML 7Page - Silicon Laboratories SIM3U167 Datasheet HTML 8Page - Silicon Laboratories SIM3U167 Datasheet HTML 9Page - Silicon Laboratories SIM3U167 Datasheet HTML 10Page - Silicon Laboratories SIM3U167 Datasheet HTML 11Page - Silicon Laboratories SIM3U167 Datasheet HTML 12Page - Silicon Laboratories SIM3U167 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SiM3U167-B-GDI
Rev. 1.1
9
D+
USB Data+
94
D–
USB Data-
95
RESET
Active-low Reset
96
VSS
Ground
97
Table 2. Pin Definitions and Alternate Functions for SiM3U167-B-GDI (Continued)
Pin Name
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18