전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB89P147 데이터시트(PDF) 5 Page - fujitsu semiconductor

부품명 MB89P147
상세설명  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB89P147 데이터시트(HTML) 5 Page - fujitsu semiconductor

  MB89P147 Datasheet HTML 1Page - fujitsu semiconductor MB89P147 Datasheet HTML 2Page - fujitsu semiconductor MB89P147 Datasheet HTML 3Page - fujitsu semiconductor MB89P147 Datasheet HTML 4Page - fujitsu semiconductor MB89P147 Datasheet HTML 5Page - fujitsu semiconductor MB89P147 Datasheet HTML 6Page - fujitsu semiconductor MB89P147 Datasheet HTML 7Page - fujitsu semiconductor MB89P147 Datasheet HTML 8Page - fujitsu semiconductor MB89P147 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
MB89143A/144A
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• On the MB89143A/144A, the upper half of the register bank cannot be used.
• The stack area, etc., is set at the upper limit of the RAM.
2. Functions
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following point:
• The A/D converter in the MB89143A/144A is an 8-bit resolution type. The MB89143A/144A contains neither
the 8-bit PWM timer nor the 12-bit MPG timer.
3. Current Consumption
• In the case of the MB89PV140, add the current consumed by the EPROM which is connected to the top socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in sleep/stop modes is the same. (For more information, see section
“s Electrical Characteristics”.)
4. Mask Options
Functions that can be selected as options and how to designate these options vary by the product. Before using
options check section “s Mask Options.”
Take particular care on the following point:
• A pull-up resistor option is not provided for the MB89PV140.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38